Part Number Hot Search : 
26N60 IRFZ14S TVS401 SR6B6K36 00600 EHR004 74HC405 LTC2754
Product Description
Full Text Search
 

To Download PDC803-CXMR02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? www.p-tec.net 040815 rev1 jas page 1 of 9 product specification part number pdc803-cxmxxx details ? 0.80(20.32mm) display ? 3 digit, 7 segment ? common anode or cathode ? alingap or ingan dice used features ? low power consumption ? rohs compliant ? gray face, white segments or black face, white segments ? easy mounting on pcb or socket mechanical dimensions notes: ? 1. dimensions in millimeters [inch], and tolerance is 0.25 [.0 10] and angle is 1 unless otherwise noted. 2. bending length*1% 3. all pins are ?0.51[.020]0.1[.004] 4. ? specifications subject to change without notice
? ? www.p-tec.net 040815 rev1 jas page 2 of 9 device selection guide model number chip description note material emitting color common cathode x=c / common anode x=a add bfws to end of part number for black face, white segment version pdc803-cxmg05 ingan true green pdc803-cxmg17 alingap yellow green pdc803-cxmy04 yellow pdc803-cxma11 amber PDC803-CXMR02 orange-red pdc803-cxmr11 red pdc803-cxmr21 deep red absolute maximum ratings at ta=25c parameter symbol rating unit g17/y04/a11/r02/r11/r21 g05 power dissipation per dice p ad 70 114 mw derating liner from 25c per dice -- 0.33 0.4 ma/c continuous forward current per dice i af 25 30 ma peak current per dice (duty cycle 1/10, 1khz) i pf 90 100 ma reverse voltage per dice vr 5 5 v electrostatic discharge (hbm) esd / 1000 v operating temperature topr -35~+85  c storage temperature tstg -35~+85  c solder conditions: 1/16 inch below seating plane for 3 -5 secon ds at 260c.
? ? www.p-tec.net 040815 rev1 jas page 3 of 9 electrical and optical char acteristics at ta=25c parameter symbol chip min. typ. max. unit condition forward voltage per segment vf g05 -- 3.2 3.8 v if=20ma g17/y04/a11 /r02/r11/r21 -- 2 2.8 luminous intensity per segment iv g05 -- 227 -- mcd if=10ma g17 -- 12 -- y04 -- 55 -- a11 -- 71 -- r02 -- 34 -- r11 -- 25 r21 -- 19 -- peak emission wavelength / dominant wavelength p/ d g05 -- */525 -- nm if=20ma g17 -- 572/570 -- y04 -- 592/590 -- a11 -- 612/605 -- r02 -- 632/625 -- r11 -- 644/630 -- r21 -- 660/645 -- reverse current i r -- -- 100 a vr=5v luminous intensity matching ratio iv-m -- -- 2:1 -- if=10ma
? ? www.p-tec.net 040815 rev1 jas page 4 of 9 typical electrical/optical characteristic curves
? ? www.p-tec.net 040815 rev1 jas page 5 of 9 luminous general lv bin grade (i f = 10ma) color rank limits (if=20ma)
? ? www.p-tec.net 040815 rev1 jas page 6 of 9 all light-on segments feature & pad position internal circuit diagram common anode common cathode
? ? www.p-tec.net 040815 rev1 jas page 7 of 9 precautions for use 1. recommended soldering conditions 1.1. wave soldering basic spec is 5sec. when 260c. if temperature is higher, time should be shor ter (+10c -1sec.). 1.2. soldering iron: power dissipation of iron should be smaller than 15w and temp s hould be controllable. soldering temperature should be under 260c, time 3sec.
? ? www.p-tec.net 040815 rev1 jas page 8 of 9 packing dimensions note: 1. specifications subj ect to change without notice
? ? www.p-tec.net 040815 rev1 jas page 9 of 9 record of revisions rev. comments page date 0 released spec -- 11/14/13 1 logo update all 04/08/15 customer approval signatures approved by checked by prepared by


▲Up To Search▲   

 
Price & Availability of PDC803-CXMR02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X